Part Number Hot Search : 
AD160MD5 LTXIT CMD41H2 SDB0900S MK11G2 10N120 MC74005N SL1200
Product Description
Full Text Search
 

To Download AR2505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BLGALAXY ELECTRICAL
AUTOMOTIVE
FEATURES
Utilizing void-free molded plastic technique Low power loss High surge capability High temperature soldering guaranteed: 265 /10s
www..com
AR(S)2505---AR(S)2510
VOLTAGE RANGE: 50 --- 1000 V CURRENT: 25 A
RECTIFIER
AR
.225(5.7) .215(5.5) .225(5.7) .215(5.5)
ARS
MECHANICAL DATA
Case: Molded with UL-94 class V-O recognized flame retardant epoxy Terminals: Plated axal terminals solderable per MIL- STD-202E, method 208 Polarity: Color ring denotes cathode
.250(6.4) .235(6.0)
.410(10.4) .380(9.7)
.347(8.9) .327(8.3)
.185(4.7) .165(4.2)
.250(6.4) .235(6.0)
.185(4.7) .165(4.2)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%. AR 2505 ARS 2505
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current @TA=55 Peak forward surge current 8.3ms single half-sine-wave superimposed on rated load Maximum instantaneous forward voltage at 25 A Maximum reverse current at rated DC blocking voltage Typical junction capacitance Typical thermal resistance @TA=25 @TA=150 (Note1)
AR 251 ARS 251 100 70 100
AR 252 ARS 252 200 140 200
AR 254 ARS 254 400 280 400 25.0
AR 256 ARS 256 600 420 600
AR 258 ARS 258 800 560 800
AR 2510 ARS 2510 1000 700 1000
UNITS
VRRM VRMS VDC I(AV)
50 35 50
V V V A
IFSM
400
A
VF IR CJ RJC Tj TSTG
1.0 10.0 1000 300 1 - 55 ---- + 150 - 55 ---- + 150
V A pF /W
(Note2)
Operating junction temperature range Storage temperature range
NOTE: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 2. Thermal resistance from junction to case.
www.galaxycn.com
Document Number 0292011
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- FORWARD CURRENT DERATING CURVE
AR(S)2505---AR(S)2510
www..com
FIG.2 -- PEAK FORWARD SURGE CURRENT
500
O
PEAK FORWARD SURGE CURRENT,AMPERES
AVERAGE FORWARD CURRENT,AMPERES
25
Sings phase half wave res. or ind .load.
400
8.3ms Single Half Sine-Wave (JEDEC Method)
20 15 10 5 0 0 20 40 60 80 100 120 140 160 180
Capactitive Load.
300
200
100
0 1
10
100
TERMINAL TEMPERATURE
NUMBER OF CYCLES AT 60Hz
FIG.3 -- TYPICAL FORWARD CHARACTERISTICS
1000
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS INSTANTANEOUS REVERSE CURRENT,MICROAMPERES
INSTANTANEOUS FORWARD CURRENT,AMPERES
100
TJ=100
100
10
TJ=25
10
TJ=25
1
1
0.1
0
20
40
60
80
100
.1
.6
.7
.8
.9
1
1.1
1.2
1.3
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.5 -- TYPICAL JUNCTION CAPACITANCE
PERCENT OF RATED PEAK REVERSE V
JUNCTION CAPACITANCE,pF
TJ=25 f=1.0MHZ Vsig=50mVp-p
1000
500
100 0.1
REVERSE VOLTAGE,VOLTS
1
100
www.galaxycn.com
Document Number 0292011
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of AR2505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X